PART |
Description |
Maker |
74ABT20D-T 74ABT20DB118 |
Dual 4-input NAND gate - Description: Dual 4-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.7 ns; Voltage: 4.5-5.5 V ABT SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
Ecliptek, Corp. NXP SEMICONDUCTORS
|
MC10H21106 MC10H211FNG MC10H211FNR2 MC10H211FNR2G |
Dual 3-Input 3-Output NOR Gate; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 10H SERIES, DUAL 3-INPUT NOR GATE, PQCC20 Dual 3−Input 3−Output NOR Gate
|
ONSEMI[ON Semiconductor]
|
74AHC2G00 74AHC2G00DC 74AHC2G00DP 74AHC2G00GD 74AH |
Dual 2-input NAND gate AHCT/VHCT/VT SERIES, DUAL 2-INPUT NAND GATE, PDSO8 Dual 2-input NAND gate 输入与非
|
NXP Semiconductors N.V.
|
MC10H117FN MC10H11706 MC10H117FNR2 MC10H117FNR2G M |
Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 10H SERIES, DUAL 5-INPUT OR-AND/OR-AND-INVERT GATE, PQCC20 Dual 2−Wide 2−3−Input OR−AND/OR−AND Gate
|
ONSEMI[ON Semiconductor]
|
74LVC2G08DP |
Dual 2-input AND gate LVC/LCX/Z SERIES, DUAL 2-INPUT AND GATE, PDSO8
|
NXP Semiconductors N.V.
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
74AUP2G08DC125 74AUP2G08GD125 |
Low-power dual 2-input AND gate; Package: SOT765-1 (VSSOP8); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT AND GATE, PDSO8 Low-power dual 2-input AND gate; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT AND GATE, PDSO8
|
NXP Semiconductors N.V.
|
74HC2G32DP125 74HCT2G32DP125 74HCT2G32GD |
Dual 2-input OR gate, SOT505-2 (TSSOP8), Reel Pack, Reverse HC/UH SERIES, DUAL 2-INPUT OR GATE, PDSO8 Dual 2-input OR gate, SOT505-2 (TSSOP8), Reel Pack, Reverse HCT SERIES, DUAL 2-INPUT OR GATE, PDSO8
|
NXP Semiconductors N.V.
|
MMC4081 MMC4082 MMC4073 |
Quad 2-input AND gate Dual 4-input AND gate (MMC4082) CMOS AND GATES
|
Microelectronica Micro Electronics
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|